Part Number Hot Search : 
DR210 D2475 645ETTTS AM25F2 SMCJ26A F550L PAN1325 AV454461
Product Description
Full Text Search
 

To Download 1N4614-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4099 thru 1N4135-1 and 1N4614 thru 1N4627-1 DO-35
SCOTTSDALE DIVISION
500 mW GLASS AXIAL-LEAD LOW NOISE ZENER DIODES
DESCRIPTION The popular 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series of 0.5 watt Zener Voltage Regulators provides a selection from 1.8 to 100 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available with an internal-metallurgical-bond option by adding a "-1" suffix. This type of bonded Zener package construction is also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-35 (DO-204AH)
FEATURES
* JEDEC registered 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series * Internal metallurgical bond option available by adding a "-1" suffix * Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/435 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening as well as -1" suffix; (e.g. JANTX1N4099-1, JANTXV1N4109C-1, etc.) * Military Surface Mount available in DO-213AA package outline by adding a UR-1 suffix in addition to the JAN, JANTX, and JANTXV prefix; e.g. JANTX1N4099UR-1 (see separate data sheet) * Commercial Surface Mount also available in separate data sheet as 1N4099UR to 1N4135UR, and 1N4614UR to 1N4627UR in DO-213AA package (consult factory for others) * DO-7 glass body axial-leaded Zener equivalents are also available * * * * * * * *
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range Extensive selection from 1.8 to 100 V Standard voltage tolerances are plus/minus 5% with no suffix Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively Flexible axial-lead mounting terminals Nonsensitive to ESD per MIL-STD-750 Method 1020 Minimal capacitance (see Figure 3) Inherently radiation hard as described in Microsemi MicroNote 050
MAXIMUM RATINGS
* Operating and Storage temperature: -65 C to +175C * Thermal Resistance: 250 C/W junction to lead at 3/8 (10 mm) lead length from body, or 310C/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with 4 mm2 copper pads and track width 1 mm, length 25 mm * Steady-State Power: 0.5 watts at TL < 50oC 3/8 inch (10 mm) from body or 0.48 W at TA < 25C when mounted on FR4 PC board as described for thermal resistance above (see Figure 2 for derating) * Forward voltage @200 mA: 1.1 volts * Solder Temperatures: 260 C for 10 s (max)
MECHANICAL AND PACKAGING
* * * CASE: Hermetically sealed axial-lead glass DO-35 (DO-204AH) package TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, method 2026 POLARITY: Cathode indicated by band where diode is to be operated with the banded end positive with respect to the opposite end for Zener regulation MARKING: Part number TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) WEIGHT: 0.2 grams See package dimensions on last page
1N4099 - 1N4135-1 & 4135-1 & 1N4614 - 1N4627-1 (DO-35) 1N4614 - 1N4627-1 (DO-35)
* * * *
Copyright 2003 11-05-2003 REV C
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N4099 thru 1N4135-1 and 1N4614 thru 1N4627-1 DO-35
SCOTTSDALE DIVISION
500 mW GLASS AXIAL-LEAD LOW NOISE ZENER DIODES
*ELECTRICAL CHARACTERISTICS @ 25oC
NOMINAL ZENER VOLTAGE VZ @ IZT (Note 1) VOLTS
1N4614 1N4615 1N4616 1N4617 1N4618 1N4619 1N4620 1N4621 1N4622 1N4623 1N4624 1N4625 1N4626 1N4627 1N4099 1N4100 1N4101 1N4102 1N4103 1N4104 1N4105 1N4106 1N4107 1N4108 1N4109 1N4110 1N4111 1N4112 1N4113 1N4114 1N4115 1N4116 1N4117 1N4118 1N4119 1N4120 1N4121 1N4122 1N4123 1N4124 1N4125 1N4126 1N4127 1N4128 1N4129 1N4130 1N4131 1N4132 1N4133 1N4134 1N4135 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100
WWW . Microsemi .C OM
JEDEC TYPE NO.
ZENER TEST CURRENT IZT A
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
MAXIMUM ZENER IMPEDANCE ZZT (Note 2) OHMS
1200 1250 1300 1400 1500 1600 1650 1700 1650 1600 1550 1500 1400 1200 200 200 200 200 200 200 200 200 200 200 100 100 100 100 150 150 150 150 150 150 200 200 200 200 200 250 250 300 300 400 500 700 700 800 1000 1200 1500
MAXIMUM REVERSE CURRENT IR @ V R A
7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 .05 .05 .05 .05 .05 .05 .05 .05 .05 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01
MAXIMUM NOISE DENSITY ND @ IZT (Figure 1) V / HZ
1 1 1 1 1 1 1 1 1 1 1 2 4 5 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
MAXIMUM ZENER CURRENT IZM (Note 3) mA
120 110 100 95 90 87 85 83 80 77 75 70 65 61 56 51 46 44 42 38 35 32 29 27 25 24 22 21 20 19 17 16 15 14 14 13 12 11 9.8 8.9 8.1 7.5 6.7 6.4 6.1 5.6 5.1 4.6 4.4 4.2 3.8
MAXIMUM TEMP. COEFF. OF ZENER VOLTAGE VZ %/ C
-0.075 -0.075 -0.075 -0.075 -0.075 -0.075 -0.075 -0.065 -0.060 -0.050 -0.050+0.020 -0.045 +0.030 -0.020 +0.040 -0.010 +0.050 0.060 0.065 0.070 0.075 0.080 0.080 0.080 0.080 0.080 0.085 0.085 0.085 0.090 0.090 0.090 0.090 0.090 0.090 0.090 0.090 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100
o
VOLTS
1 1 1 1 1 1 1.5 2 2 2 3 3 4 5 5.17 5.70 6.24 6.61 6.92 7.60 8.44 8.12 9.857 10.65 11.40 12.15 12.92 13.67 14.44 15.20 16.72 18.25 19.00 20.45 21.28 22.80 25.08 27.38 29.65 32.65 35.75 38.76 42.60 45.60 47.10 51.68 57.00 62.32 66.12 69.16 76.00
1N4099 - 1N4135-1 & 1N4614 - 1N4627-1 (DO-35)
*JEDEC Registered Data.
NOTES: 1. 2. 3. The JEDEC type numbers shown with no suffix have a standard tolerance of +/-5% on the nominal Zener voltage: suffix C is used o to identify +/-2%; and suffix D is to identify +/-1% tolerance. VZ is measured with the diode in thermal equilibrium in 25 C still air. Zener impedance is derived by superimposing on IZT a 60 Hz rms ac current equal to 10% of IZT (25A). See MicroNote 202 for zener impedance variation with different operating currents. o Based upon 400 mW maximum power dissipation at 25 C lead temperature, allowance has been made for the higher voltage associated with operation at higher currents.
Copyright 2003 11-05-2003 REV C
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N4099 thru 1N4135-1 and 1N4614 thru 1N4627-1 DO-35
SCOTTSDALE DIVISION
500 mW GLASS AXIAL-LEAD LOW NOISE ZENER DIODES
CIRCUIT AND GRAPHS
Noise density, (ND) is specified in microvolt-rms per squreroot-hertz. Actual measurement is performed using a 1 KHz to 3 KHz frequency bandpass filter at a constant Zener test o current (IZT) AT 25 C ambient temperature. ND is calculated from the formula.
WWW . Microsemi .C OM
FIGURE 1 NOISE DENSITY MEASUREMENT CIRCUIT
Rated Power Dissipation (mW)
TL - Lead Temperature ( C) 3/8" from body or TA on FR4 PC Board
o
FIGURE 2 - POWER DERATING CURVE PACKAGE DIMENSIONS
1N4099 - 1N4135-1 & 4135-1 & 1N4614 - 1N4627-1 (DO-35) 1N4614 - 1N4627-1 (DO-35)
FIGURE 3 CAPACITANCE vs. ZENER VOLTAGE (TYPICAL)
Copyright 2003 11-05-2003 REV C
All dimensions in: INCH mm
Page 3
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of 1N4614-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X